PART |
Description |
Maker |
MBR0540T1 MBR0540T1G MBR0540T3 MBR0540T3G |
Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package 0.5 A, 40 V, SILICON, SIGNAL DIODE From old datasheet system Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package 0.5A 40V Schottky Rectifier
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|
MJD200 |
D-PAK for Surface Mount Applications
|
Fairchild Semiconductor
|
IRFMJ044 |
POWER MOSFET SURFACE MOUNT (D3 PAK)
|
IRF[International Rectifier]
|
MBR0520LT1G MBR0520LT3 MBR0520LT3G MBR0520LT1 |
Surface Mount Schottky Barrier Power Rectifier(0.5A,20V表贴型肖特基势垒功率整流 Surface Mount Schottky Power Rectifier Plastic SOD−123 Package
|
ONSEMI[ON Semiconductor]
|
MJD117 MJD117-I MJD117TF |
PNP Silicon Darlington Transistor D-PAK for Surface Mount Applications
|
ON Semiconductor Fairchild Semiconductor
|
SB16-100A-SMD SB16-100R-SMD SB16-100SMD SB16-100M- |
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阴极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阳极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,串行连接)) DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HIREL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 16 A, 100 V, SILICON, RECTIFIER DIODE
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd.
|
BAT54WS-7 BAT54WS |
SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SD6100CS SD640CS SD680CS SD620CS SD630CS SD650CS S |
(SD620CS - SD6100CS) DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes)
|
Pan Jit International I... PANJIT[Pan Jit International Inc.]
|
NRVB2H100SFT3G MBR2H100SFT3G-12 MBR2H100SF |
Schottky Power Rectifier, Surface Mount, 2.0 A, 100 V, SOD-123FL Package Surface Mount Schottky Power Rectifier
|
ON Semiconductor
|
122NQ030 122NQ030R |
30V 120A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 30V20A条肖特基DISCRR)的二极管在D - 67半白 30V 120A Schottky Discrete Diode in a D-67 HALF-Pak package SCHOTTKY RECTIFIER
|
International Rectifier, Corp. IRF[International Rectifier] http://
|